PART |
Description |
Maker |
LTC2430 LTC2431 LTC2431CMS LTC2430CGN LTC2431IMS L |
20-Bit No Latency Delta-Sigma ADCs with Differential Input and Differential Reference 20-Bit No Latency Delta Sigma with Differential Input, 50/60Hz Rejection, SSOP-16 20-Bit No Latency Delta Sigma with Differential Input, 50/60Hz Rejection, MS10
|
LINER[Linear Technology]
|
LTC2439-1CGN LTC2439-1IGN LTC2439-1 |
8-/16-Channel 16-Bit No Latency Delta-Sigma ADC 8-/16-Channel 16-Bit No Latency Delta-Sigma ADC 16-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp. Linear Technology Corporation
|
LTC2408CGTRPBF LTC2408CGTR |
4-/8-Channel 24-Bit µPower No Latency Delta-Sigma ADC; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 8-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp.
|
LTC2418CGNTRPBF LTC2418CGNPBF LTC2418IGNTRPBF LINE |
8-/16-Channel 24-Bit No Latency Delta Sigma ADCs; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 16-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 8-/16-Channel 24-Bit No Latency Delta Sigma ADCs; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C 16-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28
|
Linear Technology, Corp.
|
PM4312-QC |
24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 24-Bit µPower No Latency Delta-Sigma ADC in SO-8; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 线路接口
|
SPC Technology
|
CS5530-CSZ |
IC DELTA-SIGMA 24BIT 1CH 20-SSOP 1-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO20
|
Cirrus Logic, Inc. CIRRUS LOGIC INC
|
AD1839 AD1839AS-REEL AD1839AS |
Please see the AD1839A. 2 ADC, 6 DAC, 96 kHz, 24-Bit sigma-delta Codec Single-Supply 16-Bit Sigma Delta Stereo ADC; Package: SOIC - Wide; No of Pins: 28; Temperature Range: Commercial
|
Analog Devices, Inc.
|
AD7721 AD7721AR-REEL AD7721SQ AD7721AN |
CMOS 16-Bit, 468.75 kHz, Sigma-Delta ADC 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL/PARALLEL ACCESS, PDIP28 CMOS 16-Bit/ 468.75 kHz/ Sigma-Delta ADC CMOS, 12-/16-Bit, 312.5 kHz/468.75 kHz Sigma-Delta ADC
|
Analog Devices, Inc.
|
AM27C256-70/BXA AM27C256-120LEB AM27C256-90LCB AM2 |
Octal 14-Bit Rail-to-Rail DACs in 16-Lead SSOP; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 1-/2-Channel 24-Bit µPower No Latency Delta-Sigma ADC in MSOP-10; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C 24-Bit High Speed 8-/16-Channel Delta Sigma ADCs with Selectable Speed/Resolution; Package: QFN; No of Pins: 38; Temperature Range: -40°C to 85°C x8 EPROM x8存储
|
Rochester Electronics, LLC
|
AD7701ARSZ AD7701ARZ-REEL |
16-Bit Sigma-Delta ADC; Package: SSOP; No of Pins: 28; Temperature Range: Commercial 1-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO28 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 20; Temperature Range: Commercial
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7705BRZ AD7705BRZ-REEL7 AD7706BRU-REEL AD7705BRU |
3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Industrial 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 3V/5V, 1mW, 3-Channel Pseudo Differential, 16-Bit Sigma-Delta ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 3-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16 3V/5V, 1 mW, 2-Channel Differential, 16-Bit Sigma-Delta ADC; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 2-CH 16-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO16
|
Analog Devices, Inc.
|